Part Number Hot Search : 
STC1815 IRFB4 MAX385 CA311H TCR2DG28 SDA5550 IRFB4 G8422
Product Description
Full Text Search
 

To Download 3186BE123T063APA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 3186 High Capacitance, Aluminum Electrolytic Screw Terminal
Type 3186, 85 C Best-Value, High-Capacitance, Aluminum. Choice of Potted or Rilled High-Vibration Construction
Best Value Screw Terminal Type Type 3186 is available with the capacitor element potted in place for lowest-cost or secured by rills, spoon shaped dimples in the side of the can. Rilled construction offers the industry's highest vibration and shock withstanding and excellent heat transfer into the sides and bottom of the can. Besides increasing ripple current handling, the rilled construction extends the great value of Type 3186 into military and transportation settings that require rugged mechanical capability. * * * * Rilled cans withstand high shock and vibration. Potted cans are the lowest cost screw-terminal type. High ripple current capability High capacitance per can
Highlights
Specifications
Operating Temperature:Rated Voltage: Capacitance: Capacitance Tolerance: DC Leakage Current: Cold Impedence:
-40 C to 85 C 16 to 500 Vdc 220 F to 1.0 F -10% +75% up to 100 Vdc, -10 + 50% 200 Vdc & up 6CV A (6 mA max.) at 5 minutes -20 C multiple of 25 C Z 8 for 16-50V, 4 for 63-100V, 3 for 150V and up. Ripple Current Multipliers: Ambient Temperature
45 C 2.24 55 C 2.00 60 Hz 16-100 V 200-500 V 0.90 0.90 65 C 1.73 120 Hz 1.00 1.00 75 C 1.41 300 Hz 1.15 1.25 85 C 1.00 1000 Hz 1.25 1.40 10 kHz 1.30 1.50
Frequency
Series Inductance:
case dia (in)
1.375 1.75 2
ESL (nH)
18 23 25
case dia (in)
2.5 3
ESL (nH)
27 29
Life Endurance Test: 2,000 h at 85 C and rated voltage Capacitance 10% ESR 200% of limit DCL 100% of limit Shelf Life: 500 h @ 85 C and no voltage Capacitance 10% ESR 175% of limit Complies with the EU Directive 2002/95/EC requirement restricting DCL 200% of limit the use of Lead (Pb), Mercury (Hg), Vibration: Potted: 10 to 55 Hz, 0.06" and 10g max, 1.5 h ea. of 2 axis Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls Rilled: 10 to 55 Hz, 0.06" and 15g max, 1.5 h ea. of 2 axis
(PBB) and PolyBrominated Diphenyl Ethers (PBDE).
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3186 High Capacitance, Aluminum Electrolytic Screw Terminal
Case Dimensions, Uninsulated Bare Can
Case Code BA BB BC BD BE BF BG BH DA DB DC DD DE DF DG DH EA EB EC ED EE EF EG EH FB FC FD FE FF FG FH GC GD GE GF GG GH GJ GN Diam. (D) 0.031 0.8 (in) (mm ) 1.375 34.9 1.375 34.9 1.375 34.9 1.375 34.9 1.375 34.9 1.375 34.9 1.375 34.9 1.375 34.9 1.750 44.5 1.750 44.5 1.750 44.5 1.750 44.5 1.750 44.5 1.750 44.5 1.750 44.5 1.750 44.5 2.000 50.8 2.000 50.8 2.000 50.8 2.000 50.8 2.000 50.8 2.000 50.8 2.000 50.8 2.000 50.8 2.500 63.5 2.500 63.5 2.500 63.5 2.500 63.5 2.500 63.5 2.500 63.5 2.500 63.5 3.000 76.2 3.000 76.2 3.000 76.2 3.000 76.2 3.000 76.2 3.000 76.2 3.000 76.2 3.000 76.2 Length (L) 0.062 1.6 (in) (mm ) 2.125 54.0 2.625 66.7 3.125 79.4 3.625 92.1 4.125 104.8 4.625 117.5 5.125 130.2 5.625 142.9 2.125 54.0 2.625 66.7 3.125 79.4 3.625 92.1 4.125 104.8 4.625 117.5 5.125 130.2 5.625 142.9 2.125 54.0 2.625 66.7 3.125 79.4 3.625 92.1 4.125 104.8 4.625 117.5 5.125 130.2 5.625 142.9 2.625 66.7 3.125 79.4 3.625 92.1 4.125 104.8 4.625 117.5 5.125 130.2 5.625 142.9 3.125 79.4 3.625 92.1 4.125 104.8 4.625 117.5 5.125 130.2 5.625 142.9 5.825 148.0 8.625 219.1 Terminal Space(P) 0.014 0.4 (in) (mm ) 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.75 19.1 0.75 19.1 0.75 19.1 0.75 19.1 0.75 19.1 0.75 19.1 0.75 19.1 0.75 19.1 0.875 22.2 0.875 22.2 0.875 22.2 0.875 22.2 0.875 22.2 0.875 22.2 0.875 22.2 0.875 22.2 1.125 28.6 1.125 28.6 1.125 28.6 1.125 28.6 1.125 28.6 1.125 28.6 1.125 28.6 1.25 31.8 1.25 31.8 1.25 31.8 1.25 31.8 1.25 31.8 1.25 31.8 1.25 31.8 1.25 31.8 Vent Plug (A) (in) (mm ) 0.39 8.0 0.39 8.0 0.39 8.0 0.39 8.0 0.39 8.0 0.39 8.0 0.39 8.0 0.39 8.0 0.453 11.5 0.453 11.5 0.453 11.5 0.453 11.5 0.453 11.5 0.453 11.5 0.453 11.5 0.453 11.5 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.5 12.7 0.625 15.9 0.625 15.9 0.625 15.9 0.625 15.9 0.625 15.9 0.625 15.9 0.625 15.9 0.75 19.0 0.75 19.0 0.75 19.0 0.75 19.0 0.75 19.0 0.75 19.0 0.75 19.0 0.75 19.0 Typical Weight (oz ) (g) 2.5 72 3.2 90 3.7 105 4.2 120 4.7 135 6.0 170 7.7 220 9.5 270 5.6 160 6.1 175 6.3 180 7.2 205 7.7 220 8.2 235 8.8 250 9.5 270 6.0 170 6.3 180 6.7 190 7.7 220 8.9 255 10.2 290 11.2 320 12.3 350 10.5 300 13.0 370 14.0 400 15.6 445 21.0 600 22.8 650 21.0 600 18.2 520 20.0 570 21.0 600 25.2 720 29.8 850 34.0 970 36.8 1050 51.1 1460 Optional Bracket Part No. 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-14 115058-14 115058-14 115058-14 115058-14 115058-14 115058-14 115058-11 115058-11 115058-11 115058-11 115058-11 115058-11 115058-11 115058-11
Can Dimensions Insulation Adders
Diameter (D) (in) 0.008" PVC 0.012" PVC 0.02 0.03 (mm ) 0.51 0.63 Length (L) (in) 0.032 0.062 (mm ) 0.81 1.58 Standing Height (H) (in) 0.024 0.045 (mm ) 0.61 1.14
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3186 High Capacitance, Aluminum Electrolytic Screw Terminal Outline Drawing
Terminal Dimensions
For Case Terminal Style Low Post High Post High Current, Low High Current, High M5 Post, Small M6 Low Post Diameters Code 1 to 3 1 to 3 21/2 & 3 21/2 & 3 1 to 2 3 B A D K M J Post Diameter in mm 0.314 8.0 0.314 8.0 0.684 17.4 0.684 17.4 0.314 8.0 0.684 17.4 H max in mm Thread 10-32 10-32 1/4-28 1/4-28 M5 M6 0.094 2.4 0.281 7.1 0.125 3.2 0.281 7.1 0.281 7.1 0.125 3.2 min Full Thread in 0.218 0.375 0.344 0.469 0.375 0.344 mm 5.5 9.5 8.7 11.9 9.5 8.7 Torque in*lb 25 25 60 60 25 60 N*m 2.82 2.82 6.78 6.78 2.82 6.78
Part Numbering System
3186 GH 562 T 400 Voltage M
Click here to see Hardware & Mounting Options A1 Construction* A1=potted R1=rilled S1=stud & potted** T1=stud & rilled**
P Insulation P=0.008" PVC H=0.012" PVC N=none With mounting clamp/bracket: R=0.008" PVC J=0.012" PVC X=none
Type Case Code Capacitance Tolerance
562=5600 F M= 20% 016=16 Vdc 223=22000 F S= -10 +30% 450=450 Vdc 821=820 F T= -10 +50% U= -10 +75%
* Construction code is also a sequence number, e.g., A1, A2,---,A9, B1,B2,---, for customer specifications. Sequence number 1 in A1, R1, S1 and T1 denotes the standard catalog capacitor with no special requirements. **Mounting stud not available for 1.375" diameter cases.
Terminal A=high post B=low post D=high current low post K=high current high post M=M5 high post J=M6 low post
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3186 High Capacitance, Aluminum Electrolytic Screw Terminal
Ratings
Cap. (F) Catalog Part Number ESR max Ripple max 120 Hz, 25C 120 Hz, 85 C (m) potted(A) rilled(A) 16 Volts (20 Volts Surge) 22000 3186BA223T016APA1 39000 3186BC393T016APA1 56000 3186BE563T016APA1 82000 3186EC823T016APA1 120000 3186EE124T016APA1 150000 3186EF154T016APA1 150000 3186EH154T016APA1 220000 3186FE224T016APA1 270000 3186FF274T016APA1 330000 3186FH334T016DPA1 330000 3186GE334T016DPA1 390000 3186GF394T016DPA1 470000 3186GH474T016DPA1 820000 3186GN824T016DPA1 10000003186GN105T016DPA1 18000 3186BA183T025APA1 27000 3186BC273T025APA1 39000 3186BE393T025APA1 68000 3186EC683T025APA1 100000 3186EE104T025APA1 120000 3186EF124T025APA1 150000 3186EH154T025APA1 150000 3186FE154T025APA1 180000 3186FF184T025APA1 220000 3186FH224T025DPA1 220000 3186GE224T025DPA1 270000 3186GF274T025DPA1 330000 3186GH334T025DPA1 560000 3186GN564T025DPA1 10000 3186BA103T040APA1 15000 3186BC153T040APA1 22000 3186BE223T040APA1 39000 3186EC393T040APA1 56000 3186EE563T040APA1 68000 3186EF683T040APA1 82000 3186EH823T040APA1 100000 3186FE104T040APA1 120000 3186FF124T040APA1 150000 3186FH154T040DPA1 150000 3186GE154T040APA1 180000 3186GF184T040DPA1 220000 3186GH224T040DPA1 330000 3186GN334T040DPA1 25.0 18.0 14.0 6.0 5.0 4.0 4.0 4.0 4.0 3.0 4.0 3.0 3.0 3.0 3.0 25.0 18.0 14.0 6.0 5.0 4.0 4.0 4.0 4.0 3.0 4.0 3.0 3.0 3.0 33.0 19.0 14.0 7.0 6.0 5.0 5.0 5.0 4.0 4.0 4.0 4.0 3.0 3.0 4.7 6.8 8.8 15.6 18.6 20.7 22.8 23.8 25.7 30.6 28.1 30.9 35.6 46.4 46.4 4.7 6.7 8.1 15.6 18.6 20.7 23.7 23.8 25.7 27.9 28.1 30.9 33.8 46.4 4.2 6.6 8.5 13.7 16.8 18.9 21.0 21.2 23.9 27.9 25.5 30.9 32.9 46.4 5.4 7.6 9.7 17.0 21.0 23.0 25.0 27.0 29.0 34.0 32.0 35.0 40.0 50.0 50.0 5.4 7.5 9.0 17.0 21.0 23.0 26.0 27.0 29.0 31.0 32.0 35.0 38.0 50.0 4.8 7.4 9.4 15.0 19.0 21.0 23.0 24.0 27.0 31.0 29.0 35.0 37.0 50.0 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 Case Size DxL (in) Cap. (F) Catalog Part Number ESR max Ripple max 120 Hz, 25C 120 Hz, 85 C (m) potted(A) rilled(A) 50 Volts (63 Volts Surge) 8200 3186BA822T050APA1 12000 3186BC123T050APA1 18000 3186BE183T050APA1 27000 3186EC273T050APA1 47000 3186EE473T050APA1 56000 3186EF563T050APA1 68000 3186EH683T050APA1 68000 3186FE683T050APA1 82000 3186FF823T050APA1 100000 3186FH104T050APA1 100000 3186GE104T050APA1 120000 3186GF124T050APA1 150000 3186GH154T050DPA1 220000 3186GN224T050DPA1 4700 3186BA472T063APA1 8200 3186BC822T063APA1 12000 3186BE123T063APA1 18000 3186EC183T063APA1 27000 3186EE273T063APA1 33000 3186EF333T063APA1 39000 3186EH393T063APA1 47000 3186FE473T063APA1 56000 3186FF563T063APA1 68000 3186FH683T063APA1 68000 3186GE683T063APA1 82000 3186GF823T063APA1 100000 3186GH104T063DPA1 150000 3186GN154T063DPA1 3900 3186BA392T075APA1 6800 3186BC682T075APA1 10000 3186BE103T075APA1 15000 3186EC153T075APA1 22000 3186EE223T075APA1 27000 3186EF273T075APA1 33000 3186EH333T075APA1 33000 3186FE333T075APA1 39000 3186FF393T075APA1 56000 3186FH563T075APA1 47000 3186GE473T075APA1 56000 3186GF563T075APA1 82000 3186GH823T075APA1 120000 3186GN124T075DPA1 41.0 28.0 21.0 15.0 11.0 10.0 9.0 8.0 7.0 6.0 6.0 6.0 5.0 4.0 42.0 28.0 21.0 15.0 11.0 10.0 9.0 8.0 7.0 6.0 6.0 6.0 5.0 4.0 43.0 29.0 21.0 15.0 11.0 10.0 9.0 8.0 7.0 6.0 7.0 6.0 5.0 4.0 3.7 5.4 7.1 9.2 11.5 13.5 15.5 15.9 17.7 21.6 20.2 22.1 26.7 37.1 3.7 5.4 7.2 9.2 11.5 13.5 14.6 15.9 17.7 21.6 20.2 22.1 26.7 37.1 3.6 5.3 7.1 9.2 11.5 13.5 15.5 15.9 17.7 20.7 20.2 22.1 25.8 37.1 4.2 6.0 7.8 10.0 13.0 15.0 17.0 18.0 20.0 24.0 23.0 25.0 30.0 40.0 4.2 6.0 8.0 10.0 13.0 15.0 16.0 18.0 20.0 24.0 23.0 25.0 30.0 40.0 4.1 5.9 7.8 10.0 13.0 15.0 17.0 18.0 20.0 23.0 23.0 25.0 29.0 40.0 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 Case Size DxL (in)
63 Volts (75 Volts Surge)
25 Volts (30 Volts Surge)
75 Volts (95 Volts Surge)
40 Volts (50 Volts Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3186 High Capacitance, Aluminum Electrolytic Screw Terminal
Cap. (F) Catalog Part Number ESR max Ripple max 120 Hz, 25C 120 Hz, 85 C (m) potted(A) rilled(A) 100 Volts (125 Volts Surge) 2700 3186BA272T100APA1 3900 3186BC392T100APA1 5600 3186BE562T100APA1 10000 3186EC103T100APA1 15000 3186EE153T100APA1 18000 3186EF183T100APA1 22000 3186EH223T100APA1 22000 3186FE223T100APA1 27000 3186FF273T100APA1 33000 3186FH333T100APA1 33000 3186GE333T100APA1 39000 3186GF393T100APA1 56000 3186GH563T100DPA1 82000 3186GN823T100DPA1 1000 3186BA102T200APA1 1500 3186BC152T200APA1 2200 3186BE222T200APA1 3900 3186EC392T200APA1 5600 3186EE562T200APA1 6800 3186EF682T200APA1 8200 3186EH822T200APA1 10000 3186FE103T200APA1 12000 3186FF123T200APA1 15000 3186FH153T200APA1 12000 3186GE123T200APA1 15000 3186GF153T200APA1 22000 3186GH223T200APA1 33000 3186GN333T200APA1 680 3186BA681T250APA1 65.0 50.0 32.0 52.0 37.0 27.0 11.0 19.0 16.0 14.0 14.0 11.0 8.0 7.0 109.0 77.0 52.0 73.0 24.0 21.0 17.0 22.0 17.0 16.0 26.0 23.0 17.0 15.0 120.0 76.0 53.0 67.0 27.0 23.0 20.0 24.0 19.0 17.0 25.0 22.0 19.0 16.0 270.0 163.0 2.9 3.8 5.3 5.0 6.5 8.1 13.7 9.7 11.5 12.6 12.3 15.0 19.6 23.2 2.3 3.0 4.2 4.4 7.6 8.9 11.0 9.7 10.6 12.6 9.7 10.6 13.4 15.8 2.3 2.3 4.4 4.0 7.0 8.1 9.1 8.8 9.7 12.6 9.7 10.6 12.5 15.8 1.1 2.2 3.3 4.3 5.9 5.5 7.3 9.0 15.0 11.0 13.0 14.0 14.0 17.0 22.0 25.0 2.6 3.4 4.6 4.8 8.6 9.9 12.0 11.0 12.0 14.0 11.0 12.0 15.0 17.0 2.6 2.6 4.9 4.4 7.9 9.0 10.0 10.0 11.0 14.0 11.0 12.0 14.0 17.0 1.3 2.5 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 820 220 390 560 820 330 560 820 Case Size DxL (in) Cap. (F) Catalog Part Number ESR max Ripple max 120 Hz, 25C 120 Hz, 85 C (m) potted(A) rilled(A) 350 Volts (400 Volts Surge) 1000 3186BE102T350APA1 1500 3186EC152T350APA1 2200 3186EE222T350APA1 2700 3186EF272T350APA1 3300 3186EH332T350APA1 2700 3186FE272T350APA1 3900 3186FF392T350APA1 4700 3186FH472T350APA1 4700 3186GE472T350APA1 5600 3186GF562T350APA1 6800 3186GH682T350APA1 12000 3186GN123T350APA1 3186BA331T400APA1 3186BC561T400APA1 3186BE821T400APA1 112.0 105.0 55.0 44.0 37.0 54.0 37.0 33.0 33.0 33.0 28.0 18.0 290.0 190.0 129.0 95.0 59.0 50.0 39.0 48.0 39.0 37.0 37.0 34.0 28.0 18.0 430.0 310.0 180.0 145.0 85.0 71.0 60.0 53.0 45.0 35.0 35.0 36.0 31.0 23.0 132.0 90.0 59.0 43.0 3.0 3.6 5.0 6.3 7.3 5.8 7.7 8.6 8.4 8.8 9.8 16.7 1.1 1.9 2.7 3.4 4.9 5.7 7.2 6.4 7.5 8.5 8.3 8.8 9.8 16.7 0.9 1.6 2.4 2.7 4.1 4.8 5.4 5.9 6.8 8.6 8.3 8.7 9.8 13.0 3.0 4.1 5.9 7.7 3.30 3.90 5.60 7.00 8.00 6.60 8.70 9.60 9.60 10.00 11.00 18.00 1.3 2.1 3.0 3.7 5.5 6.4 7.9 7.3 8.5 9.4 9.4 10.0 11.0 18.0 1.0 1.8 2.6 3.0 4.6 5.3 5.9 6.7 7.7 9.5 9.5 9.8 11.0 14.0 3.4 4.6 6.6 8.6 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 4.625 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 2.00 X 4.125 2.00 X 5.125 2.50 X 5.125 3.00 X 5.625 Case Size DxL (in)
400 Volts (450 Volts Surge)
200 Volts (250 Volts Surge)
1200 3186EC122T400APA1 1800 3186EE182T400APA1 2200 3186EF222T400APA1 2700 3186EH272T400APA1 2700 3186FE272T400APA1 3300 3186FF332T400APA1 3900 3186FH392T400APA1 3900 3186GE392T400APA1 4700 3186GF472T400APA1 5600 3186GH562T400APA1 10000 3186GN103T400APA1 3186BA221T450APA1 3186BC391T450APA1 3186BE561T450APA1 3186EC821T450APA1
450 Volts (525 Volts Surge)
250 Volts (300 Volts Surge) 1200 3186BC122T250APA1 1800 3186BE182T250APA1 2700 3186EC272T250APA1 3900 3186EE392T250APA1 4700 3186EF472T250APA1 5600 3186EH562T250APA1 6800 3186FE682T250APA1 8200 3186FF822T250APA1 10000 3186FH103T250APA1 10000 3186GE103T250APA1 12000 3186GF123T250APA1 15000 3186GH153T250APA1 22000 3186GN223T250APA1 390 680 3186BA391T350APA1 3186BC681T350APA1
1200 3186EE122T450APA1 1500 3186EF152T450APA1 1800 3186EH182T450APA1 2200 3186FE222T450APA1 2700 3186FF272T450APA1 3300 3186FH332T450APA1 3300 3186GE332T450APA1 3900 3186GF392T450APA1 4700 3186GH472T450APA1 8200 3186GN822T450APA1 3186EE821T500APA1
500 Volts (550Volts Surge) 1200 3186EG122T500APA1 2200 3186FG222T500APA1 3300 3186GH332T500APA1
350 Volts (400 Volts Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 3186BE123T063APA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X